PART |
Description |
Maker |
CAT9554 CAT9554A CAT9554AWI-G CAT9554AWI-GT2 |
I<sup>2</sup>C / SMBUS Expander, 8-bit, w/int 8-bit I2C and SMBus I/O Port with Interrupt 8-bit I虏C and SMBus I/O Port with Interrupt 8-bit I漏梅C and SMBus I/O Port with Interrupt
|
http:// ON Semiconductor
|
CAT9554A |
I/O Port Expander, I2C / SMBus, 8-Bit, with Active Low Interrupt
|
ON Semiconductor
|
MCP23016 MCP23016T-I/ML |
16-bit I/O port expander with interrupt 3 hardware address pins allow user to use up to 8 of these devices on the same I2C/SMBus ...
|
Microchip
|
ECOS2CA271 ECOS1EA332CL ECOS1KA681BA TS-HA ECOS1AA |
CAP .033UF 50V PPS FILM ECH-S CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 12000 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 8200 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 22000 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 2200 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 6800 uF, THROUGH HOLE MOUNT Single Slot PC CardBus Controller 144-BGA MICROSTAR 0 to 70 Replaced by PCI1510 : PC Card Controller 144-LQFP 0 to 70 Replaced by PCI1520 : PCI-to-PC Card Controller 209-BGA MICROSTAR Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TVSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-VQFN -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Replaced by PCI1520 : PC Card Controller 256-BGA Ring Tongue Solderless Terminal; Wire Size (AWG):1/0; Stud Size:3/4 Replaced by PCI1520 : PC Card Controller 257-BGA MICROSTAR 005279 0.01UF 16V 0402. Large Can Aluminum Electrolytic Capacitors
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor] http://
|
XRA1200PIL16-F XRA1200PIL16TR-F XRA1200IL16-F XRA1 |
8-BIT I2C/SMBUS GPIO EXPANDER
|
Exar Corporation
|
XRA1203IG24-F |
16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
|
Exar Corporation
|
PCA6107 |
Remote 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output, Reset, and Config Registers
|
TI
|
PCAL6416AER |
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
|
NXP Semiconductors
|
PCA9536 PCA9536D PCA9536DP |
4-bit I2C and SMBus I/O port
|
PHILIPS[Philips Semiconductors]
|
MAX7325AEG MAX7325ATG MAX7325 |
I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
|
MAXIM[Maxim Integrated Products]
|
MAX7324ATG MAX7324AEG MAX7327 MAX7324 MAX7325 MAX7 |
I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
|
MAXIM[Maxim Integrated Products]
|
MAX7325-12 |
I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
|
Maxim Integrated Products
|